Part Number Hot Search : 
40300 73E4R47G 73E4R47G 80N06 10040 D5N50 2SC5544 74HC1G
Product Description
Full Text Search
 

To Download P3500LC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  thyristor surge suppressors (tss) revision october 18, 2013 1 / 5 @ un semiconductor co., ltd. 2013 specifications are subject to change without notice. please refer to www.unsemi.com.tw for current information. p0080lc - p5000lc series - do-27 @10/700 s, 6kv un semiconductor co., ltd. www.unsemi.com.tw p0080lc - p5000lc series are designed to protect broadband equipment such as modems, line card, cpe and dsl from damaging over-voltage transients. the series provides a surface mount solution that enables equipment to comply with global regulatory standards. u low voltage overshoot u low on-state voltage u does not degrade surge capability after multiple surge events within limit u fails short circuit when surged in excess of ratings u low capacitance u tia-968-a tia-968-b u itu k.20/21 enhanced level u itu k.20/21 basic level u gr 1089 inter building u gr 1089 inter building u iec 6100-4-5 u yd/t 1082 u yd/t 993 u yd/t 950 parameter definition i s switching current - maximum current required to switch to on state i drm leakage current - maximum peak off-state current measured at vdrm i h holding current - minimum current required to maintain on state i t on-state current - maximum rated continuous on-state current v s switching voltage - maximum voltage prior to switching to on stat v drm peak off-state voltage - maximum voltage that can be applied while maintaining off state v t on-state voltage - maximum voltage measured at rated on-state current c 0 off-state capacitance - typical capacitance measured in off state i t i s i h i drm v t v drm v s + i - i - v +v description features and benefits applicable global standards schematic symbol electrical p arameters
thyristor surge suppressors (tss) revision october 18, 2013 2 / 5 @ un semiconductor co., ltd. 2013 specifications are subject to change without notice. please refer to www.unsemi.com.tw for current information. p0080lc - p5000lc series - do-27 @10/700 s, 6kv un semiconductor co., ltd. www.unsemi.com.tw v drm @i drm =5 a v s @100v/ s v t @i t =2.2a i s i t i h c 0 @1mhz part number marking v min v max v max ma max a max ma min pf min pf max p0080lc p008lc 6 25 4 800 2.2 50 25 150 p0300lc p03lc 25 40 4 800 2.2 50 15 140 p0640lc p06lc 58 77 4 800 2.2 150 40 60 p0720lc p07lc 65 88 4 800 2.2 150 35 60 p0900lc p09lc 75 98 4 800 2.2 150 25 55 p1100lc p11lc 90 130 4 800 2.2 150 30 50 p1300lc p13lc 120 160 4 800 2.2 150 25 45 p1500lc p15lc 140 180 4 800 2.2 150 25 40 p1800lc p18lc 170 220 4 800 2.2 150 25 35 p2000lc p20lc 180 220 4 800 2.2 150 20 35 p2300lc p23lc 190 260 4 800 2.2 150 25 35 p2600lc p26lc 220 300 4 800 2.2 150 20 35 p3100lc p31lc 275 350 4 800 2.2 150 20 35 P3500LC p35lc 320 400 4 800 2.2 150 20 35 p4000lc p40lc 360 460 4 800 2.2 150 20 35 p4500lc p45lc 400 540 4 800 2.2 150 20 35 p5000lc p50lc 440 600 4 800 2.2 150 20 35 notes: - absolute maximum ratings measured at t a = 25 o c (unless otherwise noted). - devices are bi-directional. 2/10 s 1 8/20 s 1 10/160 s 1 10/560 s 1 10/1000 s 1 5/310 s 1 2/10 s 2 1.2/50 s 2 10/160 s 2 10/560 s 2 10/1000 s 2 10/700 s 2 i tsm 50/60 hz di/dt series a min a min a min a min a min a min a min amps/ s max c 500 400 200 150 100 150 50 500 notes: 1. current waveform in s 2. voltage waveform in s - peak pulse current rating (i pp ) is repetitive and guaranteed for the life of the product. - i pp ratings applicable over temperature range of -40 o c to +85 o c - the device must initially be in thermal equilibrium with -40 c < t j < +150 c package symbol parameter value unit t j operating junction temperature range - 40 to + 150 c t s storage temperature range - 40 to +150 c r ja thermal resistance: junction to ambient 90 c/w electrical characteristics surge ratings do - 27 thermal considerations
thyristor surge suppressors (tss) revision october 18, 2013 3 / 5 @ un semiconductor co., ltd. 2013 specifications are subject to change without notice. please refer to www.unsemi.com.tw for current information. p0080lc - p5000lc series - do-27 @10/700 s, 6kv un semiconductor co., ltd. www.unsemi.com.tw peak value waveform=t r t d t r =rise time to peak value t d =decay time to half value half value 100 5 0 5 0 t r t d 0 t C time ( s) i pp C peak pulse current - % i pp -40 -20 0 20 40 60 80 100 120 140 160 junction temperature (t j ) - 14 12 10 8 6 4 2 9 -4 -6 -8 percent of v s change - % 25 - 40 - 20 0 20 40 60 80 100 120 140 160 case temperature (tc) - 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 25 ration of i h i h (t c =25 ) i t i s i h i drm v t v drm v s + i - i - v +v characteristic curves figure 1 - v - i characteristics figure 3 - normalized v s change versus jun ction temperature figure 2 - t r t d pulse waveform figure 4 - normalized dc holding current versus case temperature
thyristor surge suppressors (tss) revision october 18, 2013 4 / 5 @ un semiconductor co., ltd. 2013 specifications are subject to change without notice. please refer to www.unsemi.com.tw for current information. p0080lc - p5000lc series - do-27 @10/700 s, 6kv un semiconductor co., ltd. www.unsemi.com.tw lead material copper alloy high temp voltage blocking 80% rated vdrm (vac peak ) +125 c or +150 c, lead material copper alloy high temp voltage blocking 504 or 1008 hrs. mil-std-750 (method 1040) jedec, jesd22-a-101 terminal finish 100% matte-tin plated body material ul recognized epoxy meeting flammability classification 94v-0 temp cycling - 65 c to +150 c, 15 min. dwell, 10 up to 100 cycles. mil-std-750 (method 1051) eia/jedec, jesd22-a104 biased temp & humidity 52 vdc (+85 c) 85%rh, 504 up to 1008 hrs. eia/ jedec, jesd22-a-101 high temp storage +150 c 1008 hrs. mil-std-750 (method 1031) jedec, jesd22-a-101 low temp storage -65 c, 1008 hrs. thermal shock 0 c to +100 c, 5 min. dwell, 10 sec. transfer, thermal shock 10 cycles. mil-std-750 (method 1056) jedec, jesd22-a-106 autoclave (pressure cooker test) +121 c, 100%rh, 2atm, 24 up to 168 hrs. eia/cooker test) jedec, jesd22-a-102 resistance to solder heat +260 c, 30 secs. mil-std-750 (method 2031 moisture sensitivity level 85%rh, +85 c, 168 hrs., 3 reflow cycles level (+260 c peak). jedec-j-std-020, level 1 reflow condition lead C free assembly -temperature min (t s(min) ) +150 c -temperature max (t s(max) ) +200 c pre heat -time (min to max) (t s ) 60 -180 seconds average ramp up rate ( liquidus temp t l ) to peak 3 c/second max t s(max) to t l - ramp-up rate 3 c/second max - temperature (t l ) (liquidus) +217 c reflow - time (min to max) (t s ) 60 -150 seconds peak temperature (t p ) 260 +0/-5 c time within 5 c of actual peak temperature (t p ) 30 seconds max ramp-down rate 6 c/second max time 25 c to peak temperature (t p ) 8 minutes max do not exceed +260 c ramp-down preheat critical zone t l to t p time to peak temperature (t 25 to peak) t p t l t s(max) t s(min) 25 temperature ramp-up time environmental specifications physical specifications soldering parameters
thyristor surge suppressors (tss) revision october 18, 2013 5 / 5 @ un semiconductor co., ltd. 2013 specifications are subject to change without notice. please refer to www.unsemi.com.tw for current information. p0080lc - p5000lc series - do-27 @10/700 s, 6kv un semiconductor co., ltd. www.unsemi.com.tw inches millimeters dimensions min max min max b 0.028 0.042 0.711 1.067 d 0.190 0.205 4.826 5.207 g 0.360 0.375 9.146 9.527 l 1.000 25.40 part number description quantity industry standard do-27 axial tape & reel 1000 eia-rs-296-d pxxx0lc do-27 bulk pack 500 n/a part numbering part m arking dimensions do - 27 part marking code (refer to electrical characteristics table) date code packaging 2.55 64.8 2. 07 52.6 0.24 6.10 0.20 5.08 2.7 68.6 0.68 17.27 3.52 89.40 13 330.2 direction of feed dimensions are in inches (and millimeters) tape and reel s pecifications do - 27


▲Up To Search▲   

 
Price & Availability of P3500LC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X